Part Number Hot Search : 
TM128 MAX737 TS391 TTINY 120H2M5A FDC658AP 34N20 007K7
Product Description
Full Text Search
 

To Download 0430310001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0430310001 Active
microfit_30 Micro-Fit 3.0TM Crimp Terminal, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-43045 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Crimp Quality Equipment Overview Product Literature Order No Product Name Crimp Terminals 43031 Yes microfit_30 USA-106 Micro-Fit 3.0TM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 40 1.00 40 1.00 Crimp or Compression 1.85mm (.073") max. 20, 22, 24 N/A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-43031-001 PS-43045, RPS-43045-003, RPS-43045-004 SD-43031-****
Search Parts in this Series 43031Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Tool for 0638120800 Micro-Fit 3.0TM Crimp Terminal Fine Adjust 0639018800 Applicator for MicroFit 3.0TM Crimp Terminals Fine Adjust 0639018900 Applicator for MicroFit 3.0TM Crimp Terminals
T2 Terminator Micro- 0639118800 Fit 3.0TM Crimp Terminals T2 Terminator Micro- 0639118900 Fit 3.0TM Crimp Terminals FineAdjustTM 0639004500 Applicator for MicroFit 3.0TM Crimp Terminals, Male & Female, 20-24 AWG T2 Terminator Die 0639104500 Hand Crimp Tool 0638190000 Extraction Tool 0011030043
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0430310001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X